PART |
Description |
Maker |
1FHAX720-737G FHAX937-737G 2FJA168-736G FGA596-720 |
720 POS 1MM BGA SMT ADAPTER BGA720, IC SOCKET 937 POS 1MM BGA SMT ADAPTER BGA937, IC SOCKET 168 POS 0.80MM PITCH BGA SMT ADAPTER BGA168, IC SOCKET 596 POS 1.27MM BGA SMT ADAPTER BGA596, IC SOCKET 1020 POS 1MM BGA SMT ADAPTER BGA1020, IC SOCKET 860 POS 1MM BGA SMT ADAPTER BGA860, IC SOCKET 225 POS 1MM BGA SMT ADAPTER BGA225, IC SOCKET 388 POS 1MM BGA SMT ADAPTER BGA388, IC SOCKET 480 POS 1.27MM BGA SMT ADAPTER BGA480, IC SOCKET 324 POS 1MM BGA SMT ADAPTER BGA324, IC SOCKET 560 POS 1MM BGA SMT ADAPTER BGA560, IC SOCKET BGA1036, IC SOCKET 256 POS 1.27MM BGA SMT ADAPTER BGA320, IC SOCKET BGA328, IC SOCKET BGA132, IC SOCKET BGA241, IC SOCKET BGA255, IC SOCKET BGA208, IC SOCKET BGA272, IC SOCKET BGA233, IC SOCKET 384 POS 1MM BGA SMT ADAPTER 225 POS 1.27MM BGA EXTRACTION ADAPTER BGA696, IC SOCKET BGA957, IC SOCKET BGA824, IC SOCKET BGA644, IC SOCKET BGA352, IC SOCKET BGA784, IC SOCKET BGA788, IC SOCKET BGA416, IC SOCKET
|
Advanced Interconnections, Corp. ADVANCED INTERCONNECTIONS CORP
|
IS71V08F64GS08-7085AI IS71V08F64GS08-7085BI |
SPECIALTY MEMORY CIRCUIT, PBGA101 11 X 12 MM, BGA-101 SPECIALTY MEMORY CIRCUIT, PBGA73 8 X 11.60 MM, BGA-73
|
Integrated Silicon Solution, Inc.
|
IBM25PPC740L-GB375A2T IBM25PPC740L-GB375A2R IBM25P |
MICROPROCESSOR|32-BIT|CMOS|BGA|360PIN|CERAMIC MICROPROCESSOR|32-BIT|CMOS|BGA|255PIN|CERAMIC 微处理器| 32位|的CMOS | BGA封装| 255PIN |陶瓷
|
Glenair, Inc. Vishay Semiconductors
|
IBM25PPC440GP-3CC400E IBM25PPC440GP-3CC400C IBM25P |
32-BIT, 400 MHz, RISC PROCESSOR, CBGA552 25 X 25 MM, CERAMIC, BGA-552 32-BIT, 400 MHz, RISC PROCESSOR, PBGA552 25 X 25 MM, FLIP CHIP, PLASTIC, BGA-552 32-BIT, 466 MHz, RISC PROCESSOR, PBGA552 25 X 25 MM, FLIP CHIP, PLASTIC, BGA-552 32-BIT, 500 MHz, RISC PROCESSOR, PBGA552 25 X 25 MM, FLIP CHIP, PLASTIC, BGA-552
|
Applied Micro Circuits, Corp. Electronic Theatre Controls, Inc.
|
TSC51C2XXX-12IB TSC51C2XXX-16IB TSC51C2XXX-A12IB T |
IC MAX 7000 CPLD 512 208-PQFP IC MAX IIZ CPLD 570 LE 256-MBGA IC MAX 7000 CPLD 512 256-FBGA 484-pin FineLine BGA RoHS Compliant: Yes 956-pin BGA RoHS Compliant: Yes IC,FPGA,32470-CELL,CMOS,BGA,1020PIN,PLASTIC FPGA Logic IC Logic Type:FPGA; No. of Macrocells:726; Package/Case:1020-BGA; Leaded Process Compatible:No; Number of Circuits:32; IC,FPGA,4800-CELL,CMOS,BGA,484PIN,PLASTIC IC,FPGA,10570-CELL,CMOS,BGA,672PIN,PLASTIC IC,FPGA,14400-CELL,CMOS,BGA,780PIN,PLASTIC No. of Macrocells:192; No. of Pins:68; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:192; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:160; No. of Pins:84; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Propagation Delay:10ns RoHS Compliant: Yes; No. of Macrocells:440; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:9ns RoHS Compliant: Yes; 8-BIT MICROCONTROLLER 8位微控制 IC MAX 7000 CPLD 128 100-PQFP 8位微控制 IC MAX 7000 CPLD 160 84-PLCC 8位微控制
|
TE Connectivity, Ltd. Diodes, Inc. Semtech, Corp.
|
EWIXP465AB EWIXP455AD EWIXP455ACT EWIXP455ADT EWIX |
266 MHz, RISC PROCESSOR, PBGA544 LEAD FREE, PLASTIC, BGA-544 533 MHz, RISC PROCESSOR, PBGA544 LEAD FREE, PLASTIC, BGA-544 400 MHz, RISC PROCESSOR, PBGA544 LEAD FREE, PLASTIC, BGA-544 667 MHz, RISC PROCESSOR, PBGA544 LEAD FREE, PLASTIC, BGA-544
|
Intel, Corp. INTEL CORP
|
US115T US115TE US112 US112T US112E US211 US211E US |
Analog IC Intel® LXT16726 DeMUX, 132-pin BGA, Tray Intel® LXT16726 DeMUX, 142-pin BGA, Tray
|
|
K7P401822B-HC16 K7P401822B-HC20 K7P401822B-HC25 K7 |
SENSOR DIFF VACUUM GAGE 10 H2O 128K × 36 128Kx36 & 256Kx18 Synchronous Pipelined SRAM 128K × 36 256K X 18 STANDARD SRAM, 2.7 ns, PBGA119 14 X 22 MM, BGA-119 128K X 36 STANDARD SRAM, 2.7 ns, PBGA119 14 X 22 MM, BGA-119 256K X 18 STANDARD SRAM, 3 ns, PBGA119 14 X 22 MM, BGA-119 SENSOR DIFF VACUUM GAGE 1PSI SENSOR ABSOLUTE 0-15PSIA 128Kx36 & 256Kx18 Synchronous Pipelined SRAM
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor]
|
K7P323688M-HC250 K7P323688M-GC250 |
1M X 36 LATE-WRITE SRAM, 2 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 1M X 36 LATE-WRITE SRAM, 2 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, ROHS COMPLIANCE, BGA-119
|
TOKO, Inc.
|
AT49BV160-90CI AT49BV161-70CI AT49BV161-90CI AT49B |
EEPROM|FLASH|1MX16/2MX8|CMOS|BGA|48PIN|PLASTIC EEPROM|FLASH|1MX16/2MX8|CMOS|BGA|45PIN|PLASTIC 的EEPROM | FLASH动画| 1MX16/2MX8 |的CMOS | BGA封装| 45PIN |塑料
|
ATM Electronic, Corp.
|
S587-10-272-10-005437 |
272 BGA ADAPTER
|
Actel Corporation
|
|